PART |
Description |
Maker |
80960CF-33 80960CF-16 80960CF-25 80960CF-40 |
SPECIAL ENVIRONMENT 80960CF-30/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR 80960CF-40/ -33/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
|
Intel Corporation
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
GAL16V8A GAL16V8B GAL16V8A-15LPI GAL16V8A-10LJI GA |
HIGH PERFORMANCE E2CMOS PLD EE PLD, 15 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 25 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD E2CMOS的高性能可编程逻辑器件 16 BIT MCU, 32K FLASH HIGH PERFORMANCE E2CMOS PLD
|
http:// Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
FM27C512 FM27C512V FM27C512_01 FM27C512Q FM27C512Q |
524,288-Bit (64K x 8) High Performance CMOS EPROM 524288-Bit (64Kx 8) High Performance CMOS EPROM(95.70 k) 524,288-Bit (64K x 8)High Performance CMOS EPROM
|
ETC[ETC] Fairchild Semiconductor
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MAX130 MAX130ACPL MAX130ACQH MAX130AEPL MAX130AEQH |
3? Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Reference 3? Digit A/D Converters with Bandgap Refrence 3Digit A/D Converters with Bandgap Refrence LJT 55C 55#22D PIN PLUG 18-Bit Bus Interface Flip-Flops With 3-State Outputs 56-TVSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 3??Digit A/D Converters with Bandgap Refrence
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|